Part Number Hot Search : 
ISL54001 CBP1251 AD5645 TN9138PM 9575GI M0765RG 6200S8 LA75676M
Product Description
Full Text Search
 

To Download LSR9033-TR2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
SURFACE MOUNT TAPE AND REEL
Pb
Lead-Free Parts
LSR9033/TR2
DATA SHEET
DOC. NO REV. DATE
: : :
QW0905-LSR9033/TR2 A 12 - Sep - 2005
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSR9033/TR2 Page 1/7
Package Dimensions
Cathode
2.5
0.40.1
0.50.1
2.0
5.8O 0.5
r 1.9
3.05O 0.5 1.4 2.8 0.7 4.3O 0.5 Note : 1.All dimension are in millimeter tolerance is O 0.2mm unless otherwise noted. 2.Specifications are subject to change without notice.
Carrier Type Dimensions
4.0
0.3
9.3 120.3 5.5
6.43
Polarity
1.75 2.0 4.0
r 1.55
3.05
Note : The tolerances unless mentioned is O 0.2mm,Angle O 0.5. Unit=mm.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSR9033/TR2 Page 2/7
Reel Dimensions
16.0O 1.0
r 178O 2.0
14.2O 1.0
74.0O 1.5
Part No. LSR9033/TR2
Description 12.0mm tape,7"reel
Quantity/Reel 1500 devices
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSR9033/TR2 Page 3/7
Absolute Maximum Ratings at Ta=25 J
Ratings Parameter Symbol SR Forward Current Peak Forward Current Duty 1/10@10KHz Power Dissipation Reverse Current @5V Operating Temperature Storage Temperature Soldering Temperature IF IFP PD Ir Topr Tstg Tsol 30 100 100 10 -40 ~ +85 mA mA mW UNIT
g A J J
-40 ~ +100 Max 260J for 5 sec Max (2mm from body)
Typical Electrical & Optical Characteristics (Ta=25 J )
PART NO
MATERIAL Emitted
COLOR
Peak wave length f Pnm
Luminous Viewing Spectral Forward voltage intensity angle halfwidth @20 mA(V) @20mA(mcd) 2c 1/2 f nm (deg)
Lens Water Clear 660 20
Min. Max. Min. 1.5 2.4 90
Typ. 180 20
LSR9033/TR2
GaAlAs
Red
Note : 1.The forward voltage data did not including O 0.1V testing tolerance. 2. The luminous intensity data did not including O 15% testing tolerance.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSR9033/TR2 Page 4/7
Typical Electro-Optical Characteristics Curve
SR CHIP
Fig.1 Forward current vs. Forward Voltage Fig.2 Relative Intensity vs. Forward Current
3.0
1000
Forward Current(mA)
100
Relative Intensity Normalize @20mA
2.5 2.0 1.5 1.0 0.5 0.0
10 1.0
0.1 1.0 2.0 3.0 4.0 5.0
1.0
10
100
1000
Forward Voltage(V) Fig.3 Forward Voltage vs. Temperature
Forward Current(mA) Fig.4 Relative Intensity vs. Temperature
3.0 2.5 2.0 1.5 1.0 0.5 0.0 -40 -20 0 20 40 60 80 100
1.1 1.0 0.9 0.8 -40 -20 0 20 40 60 80 100
Relative Intensity@20mA Normalize @25J
Forward Voltage@20mA Normalize @25J
1.2
Ambient Temperature(J )
Ambient Temperature(J )
Fig.5 Relative Intensity vs. Wavelength
Relative Intensity@20mA
1.0
0.5
0.0 600 650 700 750
Wavelength (nm)
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSR9033/TR2 Recommended Soldering Conditions
1. Hand Solder Basic spec is O 280J 3 sec one time only.
Page 5/7
2. Wave Solder
Soldering heat Max. 260J 245O 5J within 5 sec Preheat
120 ~ 150J
120 ~ 180 sec
3-1. LEAD Reflow Solder
Temp. (J ) 240
Rising +5J /sec Cooling -5J /sec
150 120
Preheat
60 ~ 120 sec
5sec
Time
3-2 PB-Free Reflow Solder
1~5 C/sec 260 C MaX. 10sec.Max
Preheat 180~200 C 1~5 C/sec
Above 220 C 60 sec.Max.
120 sec.Max.
Reflow Soldering should not be done more than two times.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSR9033/TR2 Precautions For Use: Storage time:
1.The operation of Temperatures and RH are : 5 J ~35J ,RH60%. 2.Once the package is opened, the products should be used within a week. Otherwise, they should be kept in a damp proof box with descanting agent. Considering the tape life, we suggest our customers to use our products within a year(from production date). 3.If opened more than one week in an atmosphere 5 J ~ 35J ,RH60%, they should be treated at 60JO 5 J fo r 15hrs.
Page 6/7
Drive Method:
LED is a current operated device, and therefore, requirer some kind of current limiting incorporated into the driver circuit. This current limiting typically takes the form of a current limiting resistor placed in series with the LED. Consider worst case voltage variations than could occur across the current limiting resistor. The forwrd current should not be allowed to change by more than 40 % of its desired value.
Circuit model A LED
Circuit model B LED
(A) Recommended circuit. (B) The difference of brightness between LED could be found due to the VF-IF characteristics of LED.
Cleaning:
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED.
ESD(Electrostatic Discharge):
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic glove is recommended when handing these LED. All devices, equipment and machinery must be properly grounded.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSR9033/TR2 Reliability Test: Page 7/7
Classification
Test Item
Test Condition
1.Ta=Under Room Temperature As Per Data Sheet Maximum Rating. 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs)
Reference Standard
MIL-STD-750D: 1026 MIL-STD-883D: 1005 JIS C 7021: B-1
Operating Life Test
High Temperature Storage Test Endurance Test Low Temperature Storage Test
1.Ta=105 JO 5J 2.t=1000 hrs (-24hrs, +72hrs)
MIL-STD-883D:1008 JIS C 7021: B-10
1.Ta=-40 JO 5J 2.t=1000 hrs (-24hrs, +72hrs)
JIS C 7021: B-12
High Temperature High Humidity Storage Test
1.Ta=65JO 5J 2.RH=90 %~95% 3.t=1000hrs O 2hrs
MIL-STD-202F:103B JIS C 7021: B-11
Thermal Shock Test
1.Ta=105 JO 5J &-40JO 5J (10min) (10min) 2.total 10 cycles
MIL-STD-202F: 107D MIL-STD-750D: 1051 MIL-STD-883D: 1011 MIL-STD-202F: 208D MIL-STD-750D: 2026 MIL-STD-883D: 2003 IEC 68 Part 2-20 JIS C 7021: A-2 MIL-STD-202F: 107D MIL-STD-750D: 1051 MIL-STD-883D: 1010 JIS C 7021: A-4
Solderability Test
1.T.Sol=235 JO 5J 2.Immersion time 2 O 0.5sec 3.Coverage U 95% of the dipped surface
Environmental Test
Temperature Cycling
1.105J ~ 25 J ~ - 55J ~ 25J 30mins 5mins 30mins 5mins 2.10 Cyeles
IR Reflow
1.T=260 C Max. 10sec.Max. 2. 6 Min
MIL-STD-750D:2031.2 J-STD-020


▲Up To Search▲   

 
Price & Availability of LSR9033-TR2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X